Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
DDR2 and DDR3 SDRAM
Freescale Semiconductor
34
3
Figure 8 shows the DDR2 and DDR3 SDRAM interface input timing diagram.
Figure 8. DDR SDRAM Input Timing Diagram
Table 17. DDR3 SDRAM Input AC Timing Specifications for 1.5-V Interface
At recommended operating conditions with GVDD of 1.5 V ± 5%. DDR3 data rate is between 606MHz and 667MHz.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—MVREF – 0.175
V
—
AC input high voltage
VIH
MVREF + 0.175
—
V
—
Table 18. DDR2 and DDR3 SDRAM Interface Input AC Timing Specifications
At recommended operating conditions with GVDD of 1.8 V ± 5% for DDR2 or 1.5 V ± 5% for DDR3.
Parameter
Symbol
Min
Max
Unit
Notes
Controller Skew for MDQS—MDQ/MECC
tCISKEW
—
—
ps
1, 2
667 MHz
—
–240
240
—
3
533 MHz
—
–300
300
—
—
400 MHz
—
–365
365
—
—
Note:
1. tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit that will
be captured with MDQS[n]. This should be subtracted from the total timing budget.
2. The amount of skew that can be tolerated from MDQS to a corresponding MDQ signal is called tDISKEW.This can be determined
by the following equation: tDISKEW =+/-(T/4 - abs(tCISKEW)) where T is the clock period and abs(tCISKEW) is the absolute value
of tCISKEW.
3. Maximum DDR2 and DDR3 frequency is 667MHz.
MCK[n]
MCK[n]
tMCK
MDQ[x]
MDQS[n]
tDISKEW
D1
D0
tDISKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com