Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
55
When operating in SGMII mode, the eTSEC EC_GTX_CLK125 clock is not required for this port. Instead, SerDes reference
clock is required on SD2_REF_CLK and SD2_REF_CLK pins.
2.9.3.1
DC Requirements for SGMII SD2_REF_CLK and SD2_REF_CLK
The characteristics and DC requirements of the separate SerDes reference clock are described in Section 2.20, “High-Speed
Serial Interfaces.”
2.9.3.2
AC Requirements for SGMII SD2_REF_CLK and SD2_REF_CLK
Table 38 lists the SGMII SerDes reference clock AC requirements. Please note that SD2_REF_CLK and SD2_REF_CLK are
not intended to be used with, and should not be clocked by, a spread spectrum clock source.
Table 38. SD2_REF_CLK and SD2_REF_CLK AC Requirements
Symbol
Parameter Description
Min
Typical
Max
Units Notes
tREF
REFCLK cycle time
—
10 (8)
—
ns
1
tREFCJ REFCLK cycle-to-cycle jitter. Difference in the period of any two adjacent
REFCLK cycles
—
—
100
ps
—
tREFPJ Phase jitter. Deviation in edge location with respect to mean edge location
–50
—
50
ps
2,3
Notes:
1. 8 ns applies only when 125 MHz SerDes2 reference clock frequency is selected via cfg_srds_sgmii_refclk during POR.
2. In a frequency band from 150 kHz to 15 MHz, at BER of 10E-12.
3. Total peak-to-peak deterministic jitter “Dj” should be less than or equal to 50 ps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com