Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 128 page
background image
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
51
A timing diagram for TBI receive appears in Figure 24.
.
Figure 24. TBI Single-Clock Mode Receive AC Timing Diagram
2.9.2.6
RGMII and RTBI AC Timing Specifications
Table 35 presents the RGMII and RTBI AC timing specifications.
Table 35. RGMII and RTBI AC Timing Specifications
At recommended operating conditions with L/TVDD of 2.5 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Data to clock output skew (at transmitter)
tSKRGT_TX
–500
0
500
ps
Data to clock input skew (at receiver) 2
tSKRGT_RX
1.0
—
2.8
ns
Clock period duration 3
tRGT
7.2
8.0
8.8
ns
Duty cycle for 1000BASE-T4
tRGTH/tRGT
45
—
55
%
Duty cycle for 10BASE-T and 100BASE-TX 3, 4
tRGTH/tRGT
40
50
60
%
Rise time (20%–80%)
tRGTR
—
—
0.75
ns
Fall time (20%–80%)
tRGTF
—
—
0.75
ns
Notes:
1. Note that, in general, the clock reference symbol representation for this section is based on the symbols RGT to
represent RGMII and RTBI timing. For example, the subscript of tRGT represents the TBI (T) receive (RX) clock. Note
also that the notation for rise (R) and fall (F) times follows the clock symbol that is being represented. For symbols
representing skews, the subscript is skew (SK) followed by the clock that is being skewed (RGT).
2. This implies that PC board design will require clocks to be routed such that an additional trace delay of greater than
1.5 ns will be added to the associated clock signal.
3. For 10 and 100 Mbps, tRGT scales to 400 ns ± 40 ns and 40 ns ± 4 ns, respectively.
4. Duty cycle may be stretched/shrunk during speed changes or while transition to a received packet's clock domains as
long as the minimum duty cycle is not violated and stretching occurs for no more than three tRGT of the lowest speed
transitioned between.
tTRR
tTRRH
tTRRF
tTRRR
RX_CLK
RCG[9:0]
valid data
tTRRDX
tTRRDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com