Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
Freescale Semiconductor
58
2.9.3.4
SGMII AC Timing Specifications
This section describes the SGMII transmit and receive AC timing specifications. Transmitter and receiver characteristics are
measured at the transmitter outputs (SD2_TX[n] and SD2_TX[n]) or at the receiver inputs (SD2_RX[n] and SD2_RX[n]) as
depicted in Figure 32 respectively.
2.9.3.4.1
SGMII Transmit AC Timing Specifications
Table 41 provides the SGMII transmit AC timing targets. A source synchronous clock is not provided.
Loss of signal threshold
LSTS = 0
VLOS
30
—
100
mV
3, 4
LSTS = 1
65
—
175
Input AC common mode voltage
VCM_ACp-p
——
100
mV
5
Receiver differential input impedance
ZRX_DIFF
80
100
120
Ω
—
Receiver common mode input
impedance
ZRX_CM
20
—
35
Ω
—
Common mode input voltage
VCM
—Vxcorevss
—V
6
Notes:
1. Input must be externally AC-coupled.
2. VRX_DIFFp-p is also referred to as peak to peak input differential voltage
3. The concept of this parameter is equivalent to the Electrical Idle Detect Threshold parameter in PCI Express. See PCI
Express Differential Receiver (RX) Input Specifications section for further explanation.
4. The LSTS shown in the table refers to the LSTSA or LSTSE bit field of MPC8536’s SerDes 2 Control Register.
5. VCM_ACp-p is also referred to as peak to peak AC common mode voltage.
6. On-chip termination to S2GND (xcorevss).
Table 41. SGMII Transmit AC Timing Specifications
At recommended operating conditions with X2VDD = 1.0V ± 5%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic Jitter
JD
—
—
0.17
UI p-p
—
Total Jitter
JT
—
—
0.35
UI p-p
—
Unit Interval
UI
799.92
800
800.08
ps
1
VOD fall time (80%-20%)
tfall
50
—
120
ps
—
VOD rise time (20%-80%)
trise
50
—
120
ps
—
Notes:
1. Each UI is 800 ps ± 100 ppm.
Table 40. SGMII DC Receiver Electrical Characteristics (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com