Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
enhanced Local Bus Controller (eLBC)
Freescale Semiconductor
72
Figure 40. Local Bus Signals (PLL Bypass Mode)
Table 54 describes the general timing parameters of the local bus interface at VDD = 3.3 V DC with PLL disabled.
Table 54. Local Bus General Timing Parameters—PLL Bypassed
Parameter
Symbol 1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
12
—
ns
2
Local bus duty cycle
tLBKH/tLBK
43
57
%
—
Input setup to local bus clock (except LUPWAIT)
tLBIVKH1
5.1
—
ns
4, 5
LUPWAIT input setup to local bus clock
tLBIVKL2
4.2
—
ns
4, 5
Input hold from local bus clock (except LUPWAIT)
tLBIXKH1
-1.4
—
ns
4, 5
LUPWAIT input hold from local bus clock
tLBIXKL2
-2.0
—
ns
4, 5
LALE output transition to LAD/LDP output transition (LATCH hold time)
tLBOTOT
1.4
—
ns
6
Local bus clock to output valid (except LAD/LDP and LALE)
tLBKLOV1
—0.5
ns
4
Output Signals:
LA[27:31]/LBCTL/LOE
tLBKLOV2
LCLK[n]
Input Signals:
LAD[0:31]/LDP[0:3]
Output (Data) Signals:
LAD[0:31]/LDP[0:3]
LALE
tLBIXKH1
Input Signal:
LGTA
Output (Address) Signal:
LAD[0:31]
tLBIVKH1
tLBKLOX1
tLBKLOZ2
tLBOTOT
tLBKLOX2
tLBKLOV1
tLBKLOV3
tLBKLOZ1
tLBKLOV4
tLBIXKL2
tLBIVKL2
UPM Mode Input Signal:
LUPWAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com