Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Overall DC Electrical Characteristics
Freescale Semiconductor
24
Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8536E.
Figure 7. Overshoot/Undershoot Voltage for GVDD/OVDD/LVDD
The core voltage must always be provided at nominal 1.0 Vor 1.1 V (See Table 2 for actual recommended core voltage). Voltage
to the processor interface I/Os are provided through separate sets of supply pins and must be provided at the voltages shown in
Table 2. The input voltage threshold scales with respect to the associated I/O supply voltage. OVDD and LVDD based receivers
are simple CMOS I/O circuits and satisfy appropriate LVCMOS type specifications. The DDR2 and DDR3 SDRAM interface
uses differential receivers referenced by the externally supplied MVREFn signal (nominally set to GVDD/2) as is appropriate
for the SSTL_1.8 electrical signaling standard for DDR2 or 1.5-V electrical signaling for DDR3. The DDR DQS receivers
cannot be operated in single-ended fashion. The complement signal must be properly driven and cannot be grounded.
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
B/G/L/OVDD + 20%
B/G/L/OVDD
B/G/L/OVDD + 5%
of tCLOCK
1
1. tCLOCK refers to the clock period associated with the respective interface:
VIH
VIL
Note:
2. With the PCI overshoot allowed (as specified above), the device
does not fully comply with the maximum AC ratings and device protection
guideline outlined in the PCI rev. 2.2 standard (section 4.2.2.3).
For I2C and JTAG, tCLOCK references SYSCLK.
For DDR, tCLOCK references MCLK.
For eTSEC, tCLOCK references EC_GTX_CLK125.
For eLBC, tCLOCK references LCLK.
For PCI, tCLOCK references PCI1_CLK or SYSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com