Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
PCI
Freescale Semiconductor
90
2.19.2
PCI AC Electrical Specifications
This section describes the general AC timing parameters of the PCI bus. Note that the SYSCLK signal is used as the PCI input
clock. Table 68 provides the PCI AC timing specifications at 66 MHz.
Figure 54 provides the AC test load for PCI.
Figure 54. PCI AC Test Load
Table 68. PCI AC Timing Specifications at 66 MHz
Parameter
Symbol 1
Min
Max
Unit
Notes
SYSCLK to output valid
tPCKHOV
—
6.0
ns
2, 3
Output hold from SYSCLK
tPCKHOX
2.0
—
ns
2
SYSCLK to output high impedance
tPCKHOZ
—14
ns
2, 4
Input setup to SYSCLK
tPCIVKH
3.0
—
ns
2, 5
Input hold from SYSCLK
tPCIXKH
0—
ns
2, 5
REQ64 to HRESET 9 setup time
tPCRVRH
10
× tSYS
—clocks
6, 7
HRESET to REQ64 hold time
tPCRHRX
050
ns
7
HRESET high to first FRAME assertion
tPCRHFV
10
—
clocks
8
Rise time (20%–80%)
tPCICLK
0.6
2.1
ns
—
Failing time (20%–80%)
tPCICLK
0.6
2.1
ns
—
Notes:
1. Note that the symbols used for timing specifications herein follow the pattern of t(first two letters of functional
block)(signal)(state) (reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For
example, tPCIVKH symbolizes PCI timing (PC) with respect to the time the input signals (I) reach the valid state (V)
relative to the SYSCLK clock, tSYS, reference (K) going to the high (H) state or setup time. Also, tPCRHFV symbolizes
PCI timing (PC) with respect to the time hard reset (R) went high (H) relative to the frame signal (F) going to the valid
(V) state.
2. See the timing measurement conditions in the
PCI 2.2 Local Bus Specifications.
3. All PCI signals are measured from OVDD/2 of the rising edge of PCI_SYNC_IN to 0.4 × OVDD of the signal in
question for 3.3-V PCI signaling levels.
4. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current
delivered through the component pin is less than or equal to the leakage current specification.
5. Input timings are measured at the pin.
6. The timing parameter tSYS indicates the minimum and maximum CLK cycle times for the various specified
frequencies. The system clock period must be kept within the minimum and maximum defined ranges. For values
see Section 22, “Clocking.”
7. The setup and hold time is with respect to the rising edge of HRESET.
8. The timing parameter tPCRHFV is a minimum of 10 clocks rather than the minimum of 5 clocks in the PCI 2.2 Local
Bus Specifications.
9. The reset assertion timing requirement for HRESET is 100
μs.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com