Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
eSPI
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
39
Figure 12 provides the AC test load for the SPI.
Figure 12. SPI AC Test Load
Figure 13 represent the AC timing from Table 21. Note that although the specifications generally reference the rising edge of
the clock, these AC timing diagrams also apply when the falling edge is the active edge.
Figure 13 shows the SPI timing in Master mode (internal clock).
Figure 13. SPI AC Timing in Master mode (Internal Clock) Diagram
SPI_CS outputs—Master data (internal clock) delay
tNIKHOV2
—6.0
ns
—
SPI inputs—Master data (internal clock) input setup time
tNIIVKH
5—
ns
—
SPI inputs—Master data (internal clock) input hold time
tNIIXKH
0—
ns
—
Notes:
1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings are
measured at the pin.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tNIKHOV symbolizes the NMSI
outputs internal timing (NI) for the time tSPI memory clock reference (K) goes from the high state (H) until outputs (O) are valid
(V).
3. The greater of the two output timings for tNIKHOX and tNIKHOV are used when the SPCOM[RxDelay] bit of eSPI Command
Register is set. For example, the tNIKHOX is 4.0 and tNIKHOV is 7.4 if SPCOM[RxDelay] is set to be 1.
Table 21. SPI AC Timing Specifications1 (continued)
Characteristic
Symbol 2
Min
Max
Unit
Note
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
SPICLK (output)
tNIIXKH
tNIKHOV
Input Signals:
SPIMISO
(See Note)
Output Signals:
SPIMOSI
(See Note)
tNIIVKH
tNIKHOX
Output Signals:
SPI_CS[0:3]
(See Note)
tNIKHOV2
tNIKHOX2
Note: The clock edge is selectable on SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com