Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 128 page
background image
High-Speed Serial Interfaces
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
93
The following sections describe the SerDes reference clock requirements and some application information.
2.20.2.1
SerDes Reference Clock Receiver Characteristics
Figure 58 shows a receiver reference diagram of the SerDes reference clocks.
•
The supply voltage requirements for X2VDD are specified in Table 2 and Table 3.
•
SerDes Reference Clock Receiver Reference Circuit Structure
— The SDn_REF_CLK and SDn_REF_CLK are internally AC-coupled differential inputs as shown in Figure 58.
Each differential clock input (SDn_REF_CLK or SDn_REF_CLK) has a 50-
Ω termination to SGND (xcorevss)
followed by on-chip AC-coupling.
— The external reference clock driver must be able to drive this termination.
— The SerDes reference clock input can be either differential or single-ended. See the Differential Mode and
Single-ended Mode description below for further detailed requirements.
•
The maximum average current requirement that also determines the common mode voltage range
— When the SerDes reference clock differential inputs are DC coupled externally with the clock driver chip, the
maximum average current allowed for each input pin is 8mA. In this case, the exact common mode input voltage
is not critical as long as it is within the range allowed by the maximum average current of 8 mA (refer to the
following bullet for more detail), since the input is AC-coupled on-chip.
— This current limitation sets the maximum common mode input voltage to be less than 0.4 V (0.4 V/50 = 8 mA)
while the minimum common mode input level is 0.1V above SnGND (xcorevss). For example, a clock with a
50/50 duty cycle can be produced by a clock driver with output driven by its current source from 0mA to 16mA
(0–0.8 V), such that each phase of the differential input has a single-ended swing from 0 V to 800mV with the
common mode voltage at 400mV.
— If the device driving the SDn_REF_CLK and SDn_REF_CLK inputs cannot drive 50
Ω to SnGND (xcorevss)
DC, or it exceeds the maximum input current limitations, then it must be AC-coupled off-chip.
•
The input amplitude requirement
— This requirement is described in detail in the following sections.
Figure 58. Receiver of SerDes Reference Clocks
Input
Amp
50
Ω
50
Ω
SDn_REF_CLK
SDn_REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com