Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
49
Figure 22 shows the TBI transmit AC timing diagram.
Figure 22. TBI Transmit AC Timing Diagram
2.9.2.4.2
TBI Receive AC Timing Specifications
Table 33 provides the TBI receive AC timing specifications.
Table 33. TBI Receive AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.
Parameter/Condition2
Symbol 1
Min
Typ
Max
Unit
Clock period for TBI Receive Clock 0, 1
tTRX
—16.0
—
ns
Skew for TBI Receive Clock 0, 1
tSKTRX
7.5
—
8.5
ns
Duty cycle for TBI Receive Clock 0, 1
tTRXH/tTRX
40
—
60
%
RCG[9:0] setup time to rising edge of TBI Receive Clock 0, 1
tTRDVKH
2.5
——ns
RCG[9:0] hold time to rising edge of TBI Receive Clock 0, 1
tTRDXKH
1.5
——ns
Clock rise time (20%-80%) for TBI Receive Clock 0, 1
tTRXR
0.7
—
2.4
ns
Clock fall time (80%-20%) for TBI Receive Clock 0, 1
tTRXF
0.7
—
2.4
ns
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTRDVKH
symbolizes TBI receive timing (TR) with respect to the time data input signals (D) reach the valid state (V) relative to the
tTRX clock reference (K) going to the high (H) state or setup time. Also, tTRDXKH symbolizes TBI receive timing (TR) with
respect to the time data input signals (D) went invalid (X) relative to the tTRX clock reference (K) going to the high (H)
state. Note that, in general, the clock reference symbol representation is based on three letters representing the clock of
a particular functional. For example, the subscript of tTRX represents the TBI (T) receive (RX) clock. For rise and fall times,
the latter convention is used with the appropriate letter: R (rise) or F (fall). For symbols representing skews, the subscript
is skew (SK) followed by the clock that is being skewed (TRX).
2. The signals “TBI Receive Clock 0” and “TBI Receive Clock 1” refer to TSECn_RX_CLK and TSECn_TX_CLK pins
respectively. These two clock signals are also referred as PMA_RX_CLK[0:1].
GTX_CLK
TCG[9:0]
tTTXR
tTTX
tTTXH
tTTXR
tTTXF
tTTKHDV
tTTKHDX
tTTXF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com