Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Ethernet Management Interface Electrical Characteristics
Freescale Semiconductor
62
2.10.1
MII Management DC Electrical Characteristics
The EC_MDC and EC_MDIO are defined to operate at a supply voltage of 3.3 V. The DC electrical characteristics for
EC_MDIO and EC_MDC are provided in Table 44.
2.10.2
MII Management AC Electrical Specifications
Table 45 provides the MII management AC timing specifications.
Table 44. MII Management DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Supply voltage (3.3 V)
OVDD
3.13
3.47
V
Output high voltage
(OVDD = Min, IOH = –1.0 mA)
VOH
2.10
OVDD + 0.3
V
Output low voltage
(OVDD =Min, IOL = 1.0 mA)
VOL
GND
0.50
V
Input high voltage
VIH
2.0
—
V
Input low voltage
VIL
—0.90
V
Input high current
(OVDD = Max, VIN
1 = 2.1 V)
IIH
—40
μA
Input low current
(OVDD = Max, VIN = 0.5 V)
IIL
–600
—
μA
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 45. MII Management AC Timing Specifications
At recommended operating conditions with OVDD is 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Notes
EC_MDC frequency
fMDC
0.74
2.5
8.3
MHz
2
EC_MDC period
tMDC
120
400
1350
ns
—
EC_MDC clock pulse width high
tMDCH
32
—
—
ns
—
EC_MDC to EC_MDIO delay
tMDKHDX
(16 * tplb_clk)-3
—
(16 * tplb_clk)+3
ns
3,5,6
EC_MDIO to EC_MDC setup time
tMDDVKH
5—
—
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com