Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
PCI Express
Freescale Semiconductor
100
2.21
PCI Express
This section describes the DC and AC electrical specifications for the PCI Express bus of the MPC8536E.
2.21.1
DC Requirements for PCI Express SD1_REF_CLK and
SD1_REF_CLK
For more information, see Section 2.20.2, “SerDes Reference Clocks.”
2.21.2
AC Requirements for PCI Express SerDes Clocks
Table 70 lists AC requirements.
2.21.3
Clocking Dependencies
The ports on the two ends of a link must transmit data at a rate that is within 600 parts per million 15 (ppm) of each other at all
times. This is specified to allow bit rate clock sources with a +/– 300 ppm tolerance.
2.21.4
Physical Layer Specifications
The following is a summary of the specifications for the physical layer of PCI Express on this device. For further details as well
as the specifications of the transport and data link layer, please use the PCI Express Base Specification. REV. 1.0a document.
2.21.4.1
Differential Transmitter (TX) Output
Table 71 defines the specifications for the differential output at all transmitters (TXs). The parameters are specified at the
component pins.
Table 70. SD1_REF_CLK and SD1_REF_CLK AC Requirements
Symbol
Parameter Description
Min
Typical
Max
Units
Notes
tREF
REFCLK cycle time
—
10
—
ns
1
tREFCJ REFCLK cycle-to-cycle jitter. Difference in the period of any two
adjacent REFCLK cycles
——
100
ps
—
tREFPJ Phase jitter. Deviation in edge location with respect to mean edge
location
–50
—
50
ps
1,2,3
Notes:
1. Tj at BER of 10E-6 86 ps Max.
2. Total peak-to-peak deterministic jitter “Dj” should be less than or equal to 42 ps.
3. Limits from “PCI Express CEM Rev 2.0” and measured per “PCI Express Rj, D, and Bit Error Rates”.
Table 71. Differential Transmitter (TX) Output Specifications
Symbol
Parameter
Min
Nom
Max
Units
Comments
UI
Unit Interval
399.88
400
400.12
ps
Each UI is 400 ps ± 300 ppm. UI does not account for
Spread Spectrum Clock dictated variations. See Note
1.
VTX-DIFFp-p
Differential
Peak-to-Peak
Output Voltage
0.8
—
1.2
V
VTX-DIFFp-p = 2*|VTX-D+ – VTX-D-| See Note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com