Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
PCI Express
Freescale Semiconductor
102
TTX-IDLE-SET-TO-IDLE
Maximum time to
transition to a valid
electrical idle after
sending an
electrical Idle
ordered set
—
—
20
UI
After sending an Electrical Idle ordered set, the
Transmitter must meet all Electrical Idle Specifications
within this time. This is considered a debounce time
for the Transmitter to meet Electrical Idle after
transitioning from L0.
TTX-IDLE-TO-DIFF-DATA Maximum time to
transition to valid
TX specifications
after leaving an
electrical idle
condition
—
—
20
UI
Maximum time to meet all TX specifications when
transitioning from Electrical Idle to sending differential
data. This is considered a debounce time for the TX to
meet all TX specifications after leaving Electrical Idle
RLTX-DIFF
Differential Return
Loss
12
—
—
dB
Measured over 50 MHz to 1.25 GHz. See Note 4
RLTX-CM
Common Mode
Return Loss
6
—
—
dB
Measured over 50 MHz to 1.25 GHz. See Note 4
ZTX-DIFF-DC
DC Differential TX
Impedance
80
100
120
Ω
TX DC Differential mode Low Impedance
ZTX-DC
Transmitter DC
Impedance
40
—
—
Ω
Required TX D+ as well as D- DC Impedance during
all states
LTX-SKEW
Lane-to-Lane
Output Skew
—
—
500 +
2 UI
ps
Static skew between any two Transmitter Lanes within
a single Link
CTX
AC Coupling
Capacitor
75
—
200
nF
All Transmitters shall be AC coupled. The AC coupling
is required either within the media or within the
transmitting component itself. See Note 8.
Tcrosslink
Crosslink Random
Timeout
0
—
1
ms
This random timeout helps resolve conflicts in
crosslink configuration by eventually resulting in only
one Downstream and one Upstream Port. See Note 7.
Notes:
1. No test load is necessarily associated with this value.
2. Specified at the measurement point into a timing and voltage compliance test load as shown in Figure 52 and measured over
any 250 consecutive TX UIs. (Also refer to the transmitter compliance eye diagram shown in Figure 50)
3. A TTX-EYE = 0.70 UI provides for a total sum of deterministic and random jitter budget of TTX-JITTER-MAX = 0.30 UI for the
Transmitter collected over any 250 consecutive TX UIs. The TTX-EYE-MEDIAN-to-MAX-JITTER median is less than half of the total
TX jitter budget collected over any 250 consecutive TX UIs. It should be noted that the median is not the same as the mean.
The jitter median describes the point in time where the number of jitter points on either side is approximately equal as opposed
to the averaged time value.
4. The Transmitter input impedance shall result in a differential return loss greater than or equal to 12 dB and a common mode
return loss greater than or equal to 6 dB over a frequency range of 50 MHz to 1.25 GHz. This input impedance requirement
applies to all valid input levels. The reference impedance for return loss measurements is 50 ohms to ground for both the D+
and D- line (that is, as measured by a Vector Network Analyzer with 50 ohm probes—see Figure 52). Note that the series
capacitors CTX is optional for the return loss measurement.
5. Measured between 20-80% at transmitter package pins into a test load as shown in Figure 52 for both VTX-D+ and VTX-D-.
6. See Section 4.3.1.8 of the PCI Express Base Specifications Rev 1.0a
7. See Section 4.2.6.3 of the PCI Express Base Specifications Rev 1.0a
8. SerDes transmitter does not have CTX built-in. An external AC Coupling capacitor is required.
Table 71. Differential Transmitter (TX) Output Specifications (continued)
Symbol
Parameter
Min
Nom
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com