Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 128 page
background image
enhanced Local Bus Controller (eLBC)
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
67
Table 50 provides the DC electrical characteristics for the local bus interface operating at BVDD = 1.8 V DC.
2.12.2
Local Bus AC Electrical Specifications
Table 51 describes the general timing parameters of the local bus interface at BVDD = 3.3 V DC. For information about the
frequency range of local bus see Section 2.23.1, “Clock Ranges.”
Table 50. Local Bus DC Electrical Characteristics (1.8 V DC)
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage 1.8V
BVDD
—
1.71
1.89
V
High-level input voltage
VIH
—0.65*BVDD
0.3+BVDD
V
Low-level input voltage
VIL
—
–0.3
0.35*BVDD
V
Input current
(BVIN
1 = 0 V or BV
IN = BVDD)
IIN
—
-15
10
μA
High-level output voltage
VOH
IOH = –100 μABVDD – 0.2
—
V
IOH = –2 mA
BVDD – 0.45
—
Low-level output voltage
VOL
IOH = 100 μA—
0.2
V
IOH = 2 mA
—
0.45
Note:
1. Note that the symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1.
Table 51. Local Bus General Timing Parameters (BVDD = 3.3 V DC)
Parameter
Symbol 1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
7.5
12
ns
2
Local bus duty cycle
tLBKH/tLBK
43
57
%
—
LCLK[n] skew to LCLK[m] or LSYNC_OUT
tLBKSKEW
150
ps
7
Input setup to local bus clock (except LUPWAIT)
tLBIVKH1
1.8
—
ns
3, 4
LUPWAIT input setup to local bus clock
tLBIVKH2
1.7
—
ns
3, 4
Input hold from local bus clock (except LUPWAIT)
tLBIXKH1
1.0
—
ns
3, 4
LUPWAIT input hold from local bus clock
tLBIXKH2
1.0
—
ns
3, 4
LALE output transition to LAD/LDP output transition (LATCH setup and hold time)
tLBOTOT
1.5
—
ns
6
Local bus clock to output valid (except LAD/LDP and LALE)
tLBKHOV1
—2.3
ns
—
Local bus clock to data valid for LAD/LDP
tLBKHOV2
—2.4
ns
3
Local bus clock to address valid for LAD
tLBKHOV3
—2.3
ns
3
Local bus clock to LALE assertion
tLBKHOV4
—2.3
ns
3
Output hold from local bus clock (except LAD/LDP and LALE)
tLBKHOX1
0.7
—
ns
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com