Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 128 page
background image
Pin Map
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
15
DUART
UART_CTS[0:1]
Clear to send
AE11,Y12
I
OVDD
29
UART_RTS[0:1]
Ready to send
AB12,AD12
O
OVDD
29
UART_SIN[0:1]
Receive data
AC12,AF12
I
OVDD
29
UART_SOUT[0:1]
Transmit data
AF10,AA12
O
OVDD
5,9,22,
10,29
I2C interface
IIC1_SCL
Serial clock
AG21
I/O
OVDD
4,21,29
IIC1_SDA
Serial data
AH22
I/O
OVDD
4,21,29
IIC2_SCL
Serial clock
AH15
I/O
OVDD
4,21,29
IIC2_SDA
Serial data
AG14
I/O
OVDD
4,21,29
SerDes1(x8)
SD1_TX[7:0]
Transmit Data (+)
Y23,W21,V23,U21,
R21,P23,N21,M23
OXVDD
—
SD1_TX[7:0]
Transmit Data(-)
Y22,W20,V22,U20,
R20,P22,N20,M22
OXVDD
—
SD1_RX[7:0]
Receive Data(+)
AC28,AB26,AA28,Y26,
T26,R28,P26,N28
IXVDD
—
SD1_RX[7:0]
Receive Data(–)
AC27,AB25,AA27,Y25,
T25,R27,P25,N27
IXVDD
—
SD1_PLL_TPD
PLL test point Digital
V28
O
XVDD
18
SD1_REF_CLK
PLL Reference clock
U28
I
XVDD
—
SD1_REF_CLK
PLL Reference clock
complement
U27
I
XVDD
—
Reserved
—
T22
—
—
18
Reserved
—
T23
—
—
18
SerDes2(x2)
SD2_TX[1:0]
Transmit data(+)
M11, P11
O
X2VDD
—
SD2_TX[1:0]
Transmit data(-)
M12, P12
O
X2VDD
—
SD2_RX[1:0]
Receive data(+)
N8, P6
I
X2VDD
—
SD2_RX[1:0]
Receive data(-)
N9, P7
I
X2VDD
—
SD2_PLL_TPD
PLL test point Digital
L7
O
X2VDD
18
SD2_REF_CLK
PLL Reference clock
M6
I
X2VDD
—
SD2_REF_CLK
PLL Reference clock
complement
M7
I
X2VDD
—
Reserved
—
L8
—
X2VDD
18
Table 1. MPC8536E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com