Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Power Characteristics
Freescale Semiconductor
28
See Section 2.23.6.1, “SYSCLK to Platform Frequency Options,” for the full range of CCB frequencies that MPC8536E
supports.
Maximum (A)
1500
500
667
1.0
1.1
105
/ 90
—
7.1/6.1
—
5.0/4.0
1, 3, 8
Thermal (W)
—
5.9/4.9
—
5.0/4.0
1, 4, 8
Typical (W)
65
3.0
1.7
1, 2
Doze (W)
2.2
3.3
1.5
2.1
1
Nap (W)
1.1
2.1
1.5
2.1
1
Sleep (W)
1.1
2.1
1.1
1.7
1
Deep Sleep
(W)
35
0
0
0.6
1.2
1, 6
Notes:
1. These values specify the power consumption at nominal voltage and apply to all valid processor bus frequencies and
configurations. The values do not include power dissipation for I/O supplies.
2. Typical power is an average value measured at the nominal recommended core voltage (VDD) and 65°C junction temperature
(see Table 3) while running the Dhrystone benchmark.
3. Maximum power is the maximum power measured with the worst process and recommended core and platform voltage (VDD)
at maximum operating junction temperature (see Table 3) while running a smoke test which includes an entirely
L1-cache-resident, contrived sequence of instructions which keep the execution unit maximally busy.
4. Thermal power is the maximum power measured with worst case process and recommended core and platform voltage (VDD)
at maximum operating junction temperature (see Table 3) while running the Dhrystone benchmark.
5. VDD Core = 1.0 V for 600 to 1333 MHz, 1.1 V for 1500 MHz.
6. Maximum power is the maximum number measured with USB1, eTSEC1, and DDR blocks enabled. The Mean power is the
mean power measured with only external interrupts enabled and DDR in self refresh.
7. Mean power is provided for information purposes only and is the mean power consumed by a statistically significant range of
devices.
8. Maximum operating junction temperature (see Table 3) for Commercial Tier is 90 0C, for Industrial Tier is 105 0C.
9. Platform power is the power supplied to all the
VDD_PLAT pins.
Table 5. MPC8536E Power Dissipation (continued)5
Power Mode
Core
Frequen
cy
CCB
Frequen
cy
DDR
Frequen
cy
VDD
Platfor
m
VDD
Core 5
Junction
Tempera
ture
Core Power
Platform Power9
Notes
(MHz)
(MHz)
(MHz)
(V)
(V)
(
°C)
mean7
Max
mean7
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com