Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Serial ATA (SATA)
Freescale Semiconductor
82
TX Common Mode Return
loss
150 MHz - 300 MHz
300 MHz - 600 MHz
600 MHz - 1.2 GHz
1.2 GHz - 2.4 GHz
2.4 GHz - 3.0 GHz
3.0 GHz - 5.0 GHz
RLSATA_TXCC11
—
—
—
—
—
—
—
—
—
—
—
—
5
5
2
2
1
1
dB
1, 2
TX Impedance Balance
150 MHz - 300 MHz
300 MHz - 600 MHz
600 MHz - 1.2 GHz
1.2 GHz - 2.4 GHz
2.4 GHz - 3.0 GHz
3.0 GHz - 5.0 GHz
RLSATA_TXDC11
—
—
—
—
—
—
—
—
—
—
—
—
30
20
10
10
4
4
dB
1, 2
Deterministic jitter
1.5G
3.0G
USATA_TXDJ
——
0.18
0.14
UI
—
Total Jitter
1.5G
3.0G
USATA_TXTJ
——
0.42
0.32
UI
—
Notes:
1. Only applies when operating in 3.0Gb data rate mode.
2. The max value stated for 3.0 GHz - 5.0 GHz range only applies to Gen2i mode and not to Gen2m mode.
3. Only applies to Gen1i mode.
Table 60. Differential Transmitter (TX) Output Characteristics (continued)
Parameter
Symbol
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com