Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 18Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 19Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 20Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 21Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 22Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 23Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 24Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 25Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
22
Freescale Semiconductor
2.2.1 Accumulators
General-purpose 8-bit accumulators A and B are used to hold operands and
results of operations. Some instructions treat the combination of these two
8-bit accumulators (A : B) as a 16-bit double accumulator (D).
Most operations can use accumulator A or B interchangeably. However,
there are a few exceptions. Add, subtract, and compare instructions
involving both A and B (ABA, SBA, and CBA) only operate in one direction,
so it is important to make certain the correct operand is in the correct
accumulator. The decimal adjust accumulator A (DAA) instruction is used
after binary-coded decimal (BCD) arithmetic operations. There is no
equivalent instruction to adjust accumulator B.
2.2.2 Index Registers
16-bit index registers X and Y are used for indexed addressing. In the
indexed addressing modes, the contents of an index register are added to
5-bit, 9-bit, or 16-bit constants or to the content of an accumulator to form
the effective address of the instruction operand. The second index register
is especially useful for moves and in cases where operands from two
separate tables are used in a calculation.
2.2.3 Stack Pointer
The CPU12 supports an automatic program stack. The stack is used to save
system context during subroutine calls and interrupts and can also be used
for temporary data storage. The stack can be located anywhere in the
standard 64-Kbyte address space and can grow to any size up to the total
amount of memory available in the system.
The stack pointer (SP) holds the 16-bit address of the last stack location
used. Normally, the SP is initialized by one of the first instructions in an
application program. The stack grows downward from the address pointed
to by the SP. Each time a byte is pushed onto the stack, the stack pointer is
automatically decremented, and each time a byte is pulled from the stack,
the stack pointer is automatically incremented.
When a subroutine is called, the address of the instruction following the
calling instruction is automatically calculated and pushed onto the stack.
Normally, a return-from-subroutine (RTS) or a return-from-call (RTC)
instruction is executed at the end of a subroutine. The return instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com