Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 91Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 92Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 93Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 94Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 95Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 96Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 97Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 98Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
95
example of a best-case system is a single-chip 16-bit system with no 16-bit
off-boundary data accesses to any locations other than on-chip RAM.
Many conditions can cause one or more instruction cycles to be stretched,
but the CPU is not aware of the stretch delays because the clock to the CPU
is temporarily stopped during these delays.
The following paragraphs explain the cycle code letters used and note
conditions that can cause each type of cycle to be stretched.
f — Free cycle. This indicates a cycle where the CPU
does not require use of the system buses. An f cycle
is always one cycle of the system bus clock. These
cycles can be used by a queue controller or the
background debug system to perform single cycle
accesses without disturbing the CPU.
g — Read 8-bit PPAGE register. These cycles are used
only with the CALL instruction to read the current
value of the PPAGE register and are not visible on the
external bus. Since the PPAGE register is an internal
8-bit register, these cycles are never stretched.
I — Read indirect pointer. Indexed indirect instructions
use this 16-bit pointer from memory to address the
operand for the instruction. These are always 16-bit
reads but they can be either aligned or misaligned.
These cycles are extended to two bus cycles if the
MCU is operating with an 8-bit external data bus and
the corresponding data is stored in external memory.
There can be additional stretching when the address
space is assigned to a chip-select circuit programmed
for slow memory. These cycles are also stretched if
they correspond to misaligned access to a memory
that is not designed for single-cycle misaligned
access.
i — Read indirect PPAGE value. These cycles are only
used with indexed indirect versions of the CALL
instruction, where the 8-bit value for the memory
expansion page register of the CALL destination is
fetched from an indirect memory location. These
cycles are stretched only when controlled by a
chip-select circuit that is programmed for slow
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com