Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 31Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 32Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 33Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 34Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 35Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 36Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 37Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 38Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
35
This approach eliminates the differences between X and Y register use
while dramatically enhancing the indexed addressing capabilities.
Major advantages of the CPU12 indexed addressing scheme are:
• The stack pointer can be used as an index register in all indexed
operations.
• The program counter can be used as an index register in all but
autoincrement and autodecrement modes.
• A, B, or D accumulators can be used for accumulator offsets.
• Automatic pre- or post-increment or pre- or post-decrement by –8 to
+8
• A choice of 5-, 9-, or 16-bit signed constant offsets
• Use of two new indexed-indirect modes:
Indexed-indirect mode with 16-bit offset
Indexed-indirect mode with accumulator D offset
Table 3-2 is a summary of indexed addressing mode capabilities and a
description of postbyte encoding. The postbyte is noted as xb in instruction
descriptions. Detailed descriptions of the indexed addressing mode
variations follow the table.
All indexed addressing modes use a 16-bit CPU register and additional
information to create an effective address. In most cases the effective
address specifies the memory location affected by the operation. In some
variations of indexed addressing, the effective address specifies the
location of a value that points to the memory location affected by the
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com