Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 29Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 30Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 31Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 32Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 33Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 34Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 35Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 36Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
33
3.7 Extended Addressing Mode
In this addressing mode, the full 16-bit address of the memory location to be
operated on is provided in the instruction. This addressing mode can be
used to access any location in the 64-Kbyte memory map.
Example:
LDAA
$F03B
This is a basic example of extended addressing. The value from address
$F03B is loaded into the A accumulator.
3.8 Relative Addressing Mode
The relative addressing mode is used only by branch instructions. Short and
long conditional branch instructions use relative addressing mode
exclusively, but branching versions of bit manipulation instructions (branch
if bits set (BRSET) and branch if bits cleared (BRCLR)) use multiple
addressing modes, including relative mode. Refer to
3.10 Instructions Using Multiple Modes for more information.
Short branch instructions consist of an 8-bit opcode and a signed 8-bit offset
contained in the byte that follows the opcode. Long branch instructions
consist of an 8-bit prebyte, an 8-bit opcode, and a signed 16-bit offset
contained in the two bytes that follow the opcode.
Each conditional branch instruction tests certain status bits in the condition
code register. If the bits are in a specified state, the offset is added to the
address of the next memory location after the offset to form an effective
address, and execution continues at that address. If the bits are not in the
specified state, execution continues with the instruction immediately
following the branch instruction.
Bit-condition branches test whether bits in a memory byte are in a specific
state. Various addressing modes can be used to access the memory
location. An 8-bit mask operand is used to test the bits. If each bit in memory
that corresponds to a 1 in the mask is either set (BRSET) or clear (BRCLR),
an 8-bit offset is added to the address of the next memory location after the
offset to form an effective address, and execution continues at that address.
If all the bits in memory that correspond to a 1 in the mask are not in the
specified state, execution continues with the instruction immediately
following the branch instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com