Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 46Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 47Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 48Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 49Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 50Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 51Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 52Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 53Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
50
Freescale Semiconductor
subroutine calls, branches, and jumps are considered to be elements of
program structure.
During design, great care is taken to assure that the mechanism that
increases instruction throughput during normal program execution does not
cause bottlenecks during changes of program flow, but internal queue
operation is largely transparent to the user. The following information is
provided to enhance subsequent descriptions of instruction execution.
4.4.1 Exceptions
Exceptions are events that require processing outside the normal flow of
instruction execution. CPU12 exceptions include five types of exceptions:
• Reset (including COP, clock monitor, and pin)
• Unimplemented opcode trap
• Software interrupt instruction
• X-bit interrupts
• I-bit interrupts
All exceptions use the same microcode, but the CPU follows different
execution paths for each type of exception.
CPU12 exception handling is designed to minimize the effect of queue
operation on context switching. Thus, an exception vector fetch is the first
part of exception processing, and fetches to refill the queue from the
address pointed to by the vector are interleaved with the stacking operations
that preserve context, so that program access time does not delay the
switch. Refer to Section 7. Exception Processing for detailed information.
4.4.2 Subroutines
The CPU12 can branch to (BSR), jump to (JSR), or call (CALL) subroutines.
BSR and JSR are used to access subroutines in the normal 64-Kbyte
address space. The CALL instruction is intended for use in MCUs with
expanded memory capability.
BSR uses relative addressing mode to generate the effective address of the
subroutine, while JSR can use various other addressing modes. Both
instructions calculate a return address, stack the address, then perform
three program word fetches to refill the queue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com