Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 89Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 90Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 91Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 92Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 93Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 94Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 95Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 96Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
93
oprx0_xysp — This word breaks down into one of the following
alternative forms that assemble to an 8-bit indexed
addressing postbyte code. These forms generate the
same object code except for the value of the postbyte
code, which is designated as xb in the object code
columns of the glossary pages. As with the source
forms, treat all commas, plus signs, and minus signs as
literal syntax elements. The italicized words used in
these forms are included in this key.
oprx5,xysp
oprx3,–xys
oprx3,
+xys
oprx3,xys–
oprx3,xys
+
abd,xysp
oprx3 — Any label or expression that evaluates to a value in the
range
+1to +8
oprx5 — Any label or expression that evaluates to a 5-bit value in
the range –16 to
+15
oprx9 — Any label or expression that evaluates to a 9-bit value in
the range –256 to
+255
oprx16 — Any label or expression that evaluates to a 16-bit value.
Since the CPU12 has a 16-bit address bus, this can be
either a signed or an unsigned value.
page — Any label or expression that evaluates to an 8-bit value.
The CPU12 recognizes up to an 8-bit page value for
memory expansion but not all MCUs that include the
CPU12 implement all of these bits. It is the
programmer’s responsibility to limit the page value to
legal values for the intended MCU system. Some
assemblers require a # symbol before this value.
rel8 — Any label or expression that refers to an address that is
within –128 to
+127 locations from the next address after
the last byte of object code for the current instruction.
The assembler will calculate the 8-bit signed offset and
include it in the object code for this instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com