Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 21Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 22Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 23Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 24Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 25Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 26Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 27Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 28Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
25
2.2.5.2 X Mask Bit
The XIRQ input is an updated version of the NMI input found on earlier
generations of MCUs. Non-maskable interrupts are typically used to deal
with major system failures, such as loss of power. However, enabling
non-maskable interrupts before a system is fully powered and initialized can
lead to spurious interrupts. The X bit provides a mechanism for enabling
non-maskable interrupts after a system is stable.
By default, the X bit is set to 1 during reset. As long as the X bit remains set,
interrupt service requests made via the XIRQ pin are not recognized. An
instruction must clear the X bit to enable non-maskable interrupt service
requests made via the XIRQ pin. Once the X bit has been cleared to 0,
software cannot reset it to 1 by writing to the CCR. The X bit is not affected
by maskable interrupts.
When an XIRQ interrupt occurs after non-maskable interrupts are enabled,
both the X bit and the I bit are set automatically to prevent other interrupts
from being recognized during the interrupt service routine. The mask bits
are set after the registers are stacked, but before the interrupt vector is
fetched.
Normally, a return-from-interrupt (RTI) instruction at the end of the interrupt
service routine restores register values that were present before the
interrupt occurred. Since the CCR is stacked before the X bit is set, the RTI
normally clears the X bit, and thus re-enables non-maskable interrupts.
While it is possible to manipulate the stacked value of X so that X is set after
an RTI, there is no software method to reset X (and disable XIRQ) once X
has been cleared.
2.2.5.3 H Status Bit
The H bit indicates a carry from accumulator A bit 3 during an addition
operation. The DAA instruction uses the value of the H bit to adjust a result
in accumulator A to correct BCD format. H is updated only by the add
accumulator A to accumulator B (ABA), add without carry (ADD), and add
with carry (ADC) instructions.
2.2.5.4 I Mask Bit
The I bit enables and disables maskable interrupt sources. By default, the I
bit is set to 1 during reset. An instruction must clear the I bit to enable
maskable interrupts. While the I bit is set, maskable interrupts can become



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com