Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 22Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 23Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 24Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 25Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 26Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 27Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 28Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 29Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
26
Freescale Semiconductor
pending and are remembered, but operation continues uninterrupted until
the I bit is cleared.
When an interrupt occurs after interrupts are enabled, the I bit is
automatically set to prevent other maskable interrupts during the interrupt
service routine. The I bit is set after the registers are stacked, but before the
first instruction in the interrupt service routine is executed.
Normally, an RTI instruction at the end of the interrupt service routine
restores register values that were present before the interrupt occurred.
Since the CCR is stacked before the I bit is set, the RTI normally clears the
I bit, and thus re-enables interrupts. Interrupts can be re-enabled by clearing
the I bit within the service routine.
2.2.5.5 N Status Bit
The N bit shows the state of the MSB of the result. N is most commonly used
in two’s complement arithmetic, where the MSB of a negative number is 1
and the MSB of a positive number is 0, but it has other uses. For instance,
if the MSB of a register or memory location is used as a status flag, the user
can test status by loading an accumulator.
2.2.5.6 Z Status Bit
The Z bit is set when all the bits of the result are 0s. Compare instructions
perform an internal implied subtraction, and the condition codes, including
Z, reflect the results of that subtraction. The increment index register X
(INX), decrement index register X (DEX), increment index register Y (INY),
and decrement index register Y (DEY) instructions affect the Z bit and no
other condition flags. These operations can only determine = (equal) and
≠
(not equal).
2.2.5.7 V Status Bit
The V bit is set when two’s complement overflow occurs as a result of an
operation.
2.2.5.8 C Status Bit
The C bit is set when a carry occurs during addition or a borrow occurs
during subtraction. The C bit also acts as an error flag for multiply and divide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com