Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 53Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 54Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 55Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 56Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 57Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 58Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 59Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 60Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
57
5.4 Transfer and Exchange Instructions
Transfer instructions copy the content of a register or accumulator into
another register or accumulator. Source content is not changed by the
operation. Transfer register to register (TFR) is a universal transfer
instruction, but other mnemonics are accepted for compatibility with the
M68HC11. The transfer A to B (TAB) and transfer B to A (TBA) instructions
affect the N, Z, and V condition code bits in the same way as M68HC11
instructions. The TFR instruction does not affect the condition code bits.
The sign extend 8-bit operand (SEX) instruction is a special case of the
universal transfer instruction that is used to sign extend 8-bit two’s
complement numbers so that they can be used in 16-bit operations. The
8-bit number is copied from accumulator A, accumulator B, or the condition
code register to accumulator D, the X index register, the Y index register, or
the stack pointer. All the bits in the upper byte of the 16-bit result are given
the value of the most-significant bit (MSB) of the 8-bit number.
Exchange instructions exchange the contents of pairs of registers or
accumulators. When the first operand in an EXG instruction is 8-bits and the
second operand is 16 bits, a zero-extend operation is performed on the 8-bit
register as it is copied into the 16-bit register.
Section 6. Instruction Glossary contains information concerning other
transfers and exchanges between 8- and 16-bit registers.
Store Instructions
STAA
Store A
(A)
⇒ M
STAB
Store B
(B)
⇒ M
STD
Store D
(A)
⇒ M, (B) ⇒ M + 1
STS
Store SP
(SPH:SPL) ⇒ M : M + 1
STX
Store X
(XH:XL) ⇒ M : M + 1
STY
Store Y
(YH:YL) ⇒ M : M + 1
Table 5-1. Load and Store Instructions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com