Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 40Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 41Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 42Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 43Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 44Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 45Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 46Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 47Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
44
Freescale Semiconductor
3.11 Addressing More than 64 Kbytes
Some M68HC12 devices incorporate hardware that supports addressing a
larger memory space than the standard 64 Kbytes. The expanded memory
system uses fast on-chip logic to implement a transparent bank-switching
scheme.
Increased code efficiency is the greatest advantage of using a switching
scheme instead of a large linear address space. In systems with large linear
address spaces, instructions require more bits of information to address a
memory location, and CPU overhead is greater. Other advantages include
the ability to change the size of system memory and the ability to use
various types of external memory.
However, the add-on bank switching schemes used in other
microcontrollers have known weaknesses. These include the cost of
external glue logic, increased programming overhead to change banks, and
the need to disable interrupts while banks are switched.
The M68HC12 system requires no external glue logic. Bank switching
overhead is reduced by implementing control logic in the MCU. Interrupts do
not need to be disabled during switching because switching tasks are
incorporated in special instructions that greatly simplify program access to
extended memory.
MCUs with expanded memory treat the 16 Kbytes of memory space from
$8000 to $BFFF as a program memory window. Expanded-memory
architecture includes an 8-bit program page register (PPAGE), which allows
up to 256 16-Kbyte program memory pages to be switched into and out of
the program memory window. This provides for up to 4 Megabytes of paged
program memory.
The CPU12 instruction set includes call subroutine in expanded memory
(CALL) and return from call (RTC) instructions, which greatly simplify the
use of expanded memory space. These instructions also execute correctly
on devices that do not have expanded-memory addressing capability, thus
providing for portable code.
The CALL instruction is similar to the jump-to-subroutine (JSR) instruction.
When CALL is executed, the current value in PPAGE is pushed onto the
stack with a return address, and a new instruction-supplied value is written
to PPAGE. This value selects the page the called subroutine resides upon
and can be considered part of the effective address. For all addressing
mode variations except indexed indirect modes, the new page value is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com