Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 92Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 93Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 94Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 95Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 96Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 97Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 98Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 99Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
96
Freescale Semiconductor
n — Write 8-bit PPAGE register. These cycles are used
only with the CALL and RTC instructions to write the
destination value of the PPAGE register and are not
visible on the external bus. Since the PPAGE register
is an internal 8-bit register, these cycles are never
stretched.
O — Optional cycle. Program information is always fetched
as aligned 16-bit words. When an instruction consists
of an odd number of bytes, and the first byte is
misaligned, an O cycle is used to make an additional
program word access (P) cycle that maintains queue
order. In all other cases, the O cycle appears as a free
(f) cycle. The $18 prebyte for page two opcodes is
treated as a special 1-byte instruction. If the prebyte is
misaligned, the O cycle is used as a program word
access for the prebyte; if the prebyte is aligned, the O
cycle appears as a free cycle. If the remainder of the
instruction consists of an odd number of bytes,
another O cycle is required some time before the
instruction is completed. If the O cycle for the prebyte
is treated as a P cycle, any subsequent O cycle in the
same instruction is treated as an f cycle; if the O cycle
for the prebyte is treated as an f cycle, any
subsequent O cycle in the same instruction is treated
as a P cycle. Optional cycles used for program word
accesses can be extended to two bus cycles if the
MCU is operating with an 8-bit external data bus and
the program is stored in external memory. There can
be additional stretching when the address space is
assigned to a chip-select circuit programmed for slow
memory. Optional cycles used as free cycles are
never stretched.
P — Program word access. Program information is fetched
as aligned 16-bit words. These cycles are extended to
two bus cycles if the MCU is operating with an 8-bit
external data bus and the program is stored
externally. There can be additional stretching when
the address space is assigned to a chip-select circuit
programmed for slow memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com