Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 90Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 91Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 92Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 93Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 94Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 95Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 96Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 97Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
94
Freescale Semiconductor
6.6 Cycle-by-Cycle Execution
This information is found in the tables at the bottom of each instruction
glossary page. Entries show how many bytes of information are accessed
from different areas of memory during the course of instruction execution.
With this information and knowledge of the type and speed of memory in the
system, a user can determine the execution time for any instruction in any
system.
A single letter code in the column represents a single CPU cycle. Uppercase
letters indicate 16-bit access cycles. There are cycle codes for each
addressing mode variation of each instruction. Simply count code letters to
determine the execution time of an instruction in a best-case system. An
rel9 — Any label or expression that refers to an address that is
within –256 to
+255 locations from the next address after
the last byte of object code for the current instruction.
The assembler will calculate the 9-bit signed offset and
include it in the object code for this instruction. The sign
bit for this 9-bit value is encoded by the assembler as a
bit in the looping postbyte (lb) of one of the loop control
instructions DBEQ, DBNE, IBEQ, IBNE, TBEQ, or
TBNE. The remaining eight bits of the offset are included
as an extra byte of object code.
rel16 — Any label or expression that refers to an address
anywhere in the 64-Kbyte address space. The
assembler will calculate the 16-bit signed offset between
this address and the next address after the last byte of
object code for this instruction and include it in the object
code for this instruction.
trapnum — Any label or expression that evaluates to an 8-bit
number in the range $30–$39 or $40–$FF. Used for
TRAP instruction.
xys — Any one legal register designation for index registers X
or Y or the SP
xysp — Any one legal register designation for index registers X
or Y, the SP, or the PC. The reference point for
PC-relative instructions is the next address after the last
byte of object code for the current instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com