Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 71Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 72Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 73Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 74Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 75Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 76Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 77Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 78Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
75
5.19.2 Long Branch Instructions
Long branch instructions operate this way: When a specified condition is
met, a signed 16-bit offset is added to the value in the program counter.
Program execution continues at the new address. Long branches are used
when large displacements between decision-making steps are necessary.
The numeric range of long branch offset values is $8000 (–32,768) to $7FFF
(32,767) from the address of the next memory location after the offset value.
This permits branching from any location in the standard 64-Kbyte address
map to any other location in the 64-Kbyte map.
Table 5-18 is a summary of the long branch instructions.
Table 5-18. Long Branch Instructions
Mnemonic
Function
Equation or Operation
Unary Branches
LBRA
Long branch always
1
= 1
LBRN
Long branch never
1
= 0
Simple Branches
LBCC
Long branch if carry clear
C
= 0
LBCS
Long branch if carry set
C
= 1
LBEQ
Long branch if equal
Z
= 1
LBMI
Long branch if minus
N = 1
LBNE
Long branch if not equal
Z
= 0
LBPL
Long branch if plus
N
= 0
LBVC
Long branch if overflow clear
V
= 0
LBVS
Long branch if overflow set
V
= 1
Unsigned Branches
LBHI
Long branch if higher
C
+ Z = 0
LBHS
Long branch if higher or same
C
= 0
LBLO
Long branch if lower
Z
= 1
LBLS
Long branch if lower or same
C
+ Z = 1
Signed Branches
LBGE
Long branch if greater than or equal
N
⊕ V = 0
LBGT
Long branch if greater than
Z
+ (N ⊕ V) = 0
LBLE
Long branch if less than or equal
Z
+ (N ⊕ V) = 1
LBLT
Long branch if less than
N
⊕ V = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com