Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 11Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 12Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 13Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 14Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 15Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 16Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 17Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 18Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
15
1.1 Introduction
This manual describes the features and operation of the core (central
processing unit, or CPU, and development support functions) used in all
HCS12 microcontrollers. For reference, information is provided for the
M68HC12.
1.2 Features
The CPU12 is a high-speed, 16-bit processing unit that has a programming
model identical to that of the industry standard M68HC11 central processor
unit (CPU). The CPU12 instruction set is a proper superset of the M68HC11
instruction set, and M68HC11 source code is accepted by CPU12
assemblers with no changes.
• Full 16-bit data paths supports efficient arithmetic operation and
high-speed math execution
• Supports instructions with odd byte counts, including many
single-byte instructions. This allows much more efficient use of ROM
space.
• An instruction queue buffers program information so the CPU has
immediate access to at least three bytes of machine code at the start
of every instruction.
• Extensive set of indexed addressing capabilities, including:
–
Using the stack pointer as an indexing register in all indexed
operations
–
Using the program counter as an indexing register in all but auto
increment/decrement mode
–
Accumulator offsets using A, B, or D accumulators
–
Automatic index predecrement, preincrement, postdecrement,
and postincrement (by –8 to +8)
Reference Manual — S12CPUV2
Section 1. Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com