Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 65Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 66Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 67Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 68Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 69Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 70Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 71Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 72Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
69
REV
MIN-MAX rule
evaluation
Find smallest rule input (MIN)
Store to rule outputs unless fuzzy output is larger
(MAX)
Rules are unweighted
Each rule input is an 8-bit offset
from a base address in Y
Each rule output is an 8-bit offset
from a base address in Y
$FE separates rule inputs from rule outputs
$FF terminates the rule list
REV can be interrupted
REVW
MIN-MAX rule
evaluation
Find smallest rule input (MIN)
Multiply by a rule weighting factor (optional)
Store to rule outputs unless fuzzy output is larger
(MAX)
Each rule input is the 16-bit address
of a fuzzy input
Each rule output is the 16-bit address
of a fuzzy output
Address $FFFE separates rule inputs
from rule outputs
$FFFF terminates the rule list
Weights are 8-bit values in a separate table
REVW can be interrupted
WAV
Calculates numerator
(sum of products)
and denominator
(sum of weights)
for weighted average
calculation
Results are placed in
correct registers
for EDIV immediately
after WAV
WAVR
Resumes execution
of interrupted WAV
instruction
Recover immediate results from stack
rather than initializing them to 0.
Table 5-13. Fuzzy Logic Instructions (Continued)
Mnemonic
Function
Operation
S
iFi
i1
=
B
Y:D
F
i
i1
=
B
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com