Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 66Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 67Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 68Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 69Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 70Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 71Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 72Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 73Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
70
Freescale Semiconductor
5.16 Maximum and Minimum Instructions
The maximum (MAX) and minimum (MIN) instructions are used to make
comparisons between an accumulator and a memory location. These
instructions can be used for linear programming operations, such as
simplex-method optimization, or for fuzzification.
MAX and MIN instructions use accumulator A to perform 8-bit comparisons,
while EMAX and EMIN instructions use accumulator D to perform 16-bit
comparisons. The result (maximum or minimum value) can be stored in the
accumulator (EMAXD, EMIND, MAXA, MINA) or the memory address
(EMAXM, EMINM, MAXM, MINM).
Table 5-14 is a summary of minimum and maximum instructions.
Table 5-14. Minimum and Maximum Instructions
Mnemonic
Function
Operation
Minimum Instructions
EMIND
MIN of two unsigned 16-bit values
result to accumulator
MIN ((D), (M
: M + 1)) ⇒ D
EMINM
MIN of two unsigned 16-bit values
result to memory
MIN ((D), (M
: M + 1)) ⇒ M : M+1
MINA
MIN of two unsigned 8-bit values
result to accumulator
MIN ((A), (M))
⇒ A
MINM
MIN of two unsigned 8-bit values
result to memory
MIN ((A), (M))
⇒ M
Maximum Instructions
EMAXD
MAX of two unsigned 16-bit values
result to accumulator
MAX ((D), (M
: M + 1)) ⇒ D
EMAXM
MAX of two unsigned 16-bit values
result to memory
MAX ((D), (M
: M + 1)) ⇒ M : M + 1
MAXA
MAX of two unsigned 8-bit values
result to accumulator
MAX ((A), (M))
⇒ A
MAXM
MAX of two unsigned 8-bit values
result to memory
MAX ((A), (M))
⇒ M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com