Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 30Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 31Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 32Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 33Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 34Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 35Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 36Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 37Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
34
Freescale Semiconductor
8-bit, 9-bit, and 16-bit offsets are signed two’s complement numbers to
support branching upward and downward in memory. The numeric range of
short branch offset values is $80 (–128) to $7F (127). Loop primitive
instructions support a 9-bit offset which allows a range of $100 (–256) to
$0FF (255). The numeric range of long branch offset values is $8000
(–32,768) to $7FFF (32,767). If the offset is 0, the CPU executes the
instruction immediately following the branch instruction, regardless of the
test involved.
Since the offset is at the end of a branch instruction, using a negative offset
value can cause the program counter (PC) to point to the opcode and initiate
a loop. For instance, a branch always (BRA) instruction consists of two
bytes, so using an offset of $FE sets up an infinite loop; the same is true of
a long branch always (LBRA) instruction with an offset of $FFFC.
An offset that points to the opcode can cause a bit-condition branch to
repeat execution until the specified bit condition is satisfied. Since
bit-condition branches can consist of four, five, or six bytes depending on
the addressing mode used to access the byte in memory, the offset value
that sets up a loop can vary. For instance, using an offset of $FC with a
BRCLR that accesses memory using an 8-bit indexed postbyte sets up a
loop that executes until all the bits in the specified memory byte that
correspond to 1s in the mask byte are cleared.
3.9 Indexed Addressing Modes
The CPU12 uses redefined versions of M68HC11 indexed modes that
reduce execution time and eliminate code size penalties for using the Y
index register. In most cases, CPU12 code size for indexed operations is the
same or is smaller than that for the M68HC11. Execution time is shorter in
all cases. Execution time improvements are due to both a reduced number
of cycles for all indexed instructions and to faster system clock speed.
The indexed addressing scheme uses a postbyte plus zero, one, or two
extension bytes after the instruction opcode. The postbyte and extensions
do the following tasks:
1. Specify which index register is used
2. Determine whether a value in an accumulator is used as an offset
3. Enable automatic pre- or post-increment or pre- or post-decrement
4. Specify size of increment or decrement
5. Specify use of 5-, 9-, or 16-bit signed offsets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com