Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 47Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 48Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 49Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 50Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 51Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 52Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 53Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 54Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
51
Subroutines in the normal 64-Kbyte address space are terminated with a
return-from-subroutine (RTS) instruction. RTS unstacks the return address,
then performs three program word fetches from that address to refill the
queue.
CALL is similar to JSR. MCUs with expanded memory treat 16 Kbytes of
addresses from $8000 to $BFFF as a memory window. An 8-bit PPAGE
register switches memory pages into and out of the window. When CALL is
executed, a return address is calculated, then it and the current PPAGE
value are stacked, and a new instruction-supplied value is written to
PPAGE. The subroutine address is calculated, then three program word
fetches are made from that address to refill the instruction queue.
The return-from-call (RTC) instruction is used to terminate subroutines in
expanded memory. RTC unstacks the PPAGE value and the return
address, then performs three program word fetches from that address to
refill the queue.
CALL and RTC execute correctly in the normal 64-Kbyte address space,
thus providing for portable code. However, since extra execution cycles are
required, routinely substituting CALL/RTC for JSR/RTS is not
recommended.
4.4.3 Branches
Branch instructions cause execution flow to change when specific
pre-conditions exist. The CPU12 instruction set includes:
• Short conditional branches
• Long conditional branches
• Bit-condition branches
Types and conditions of branch instructions are described in
5.19 Branch Instructions. All branch instructions affect the queue similarly,
but there are differences in overall cycle counts between the various types.
Loop primitive instructions are a special type of branch instruction used to
implement counter-based loops.
Branch instructions have two execution cases:
• The branch condition is satisfied, and a change of flow takes place.
• The branch condition is not satisfied, and no change of flow occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com