Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 24Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 25Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 26Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 27Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 28Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 29Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 30Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 31Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
28
Freescale Semiconductor
Sixteen-bit values are stored in memory as two consecutive bytes; the high
byte occupies the lowest address, but need not be aligned to an even
boundary.
Thirty-two-bit values are stored in memory as four consecutive bytes; the
high byte occupies the lowest address, but need not be aligned to an even
boundary.
All input/output (I/O) and all on-chip peripherals are memory-mapped. No
special instruction syntax is required to access these addresses. On-chip
registers and memory typically are grouped in blocks which can be
relocated within the standard 64-Kbyte address space. Refer to device
documentation for specific information.
2.5 Instruction Queue
The CPU12 uses an instruction queue to buffer program information. The
mechanism is called a queue rather than a pipeline because a typical
pipelined CPU executes more than one instruction at the same time, while
the CPU12 always finishes executing an instruction before beginning to
execute another. Refer to Section 4. Instruction Queue for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com