Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 13Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 14Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 15Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 16Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 17Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 18Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 19Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 20Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
17
1.3.2 Memory and Addressing
M
— 8-bit memory location pointed to by the effective
address of the instruction
M : M+1
— 16-bit memory location. Consists of the contents of the
location pointed to by the effective address
concatenated with the contents of the location at the
next higher memory address. The most significant byte
is at location M.
M~M+3
M(Y)~M(Y+3)
— 32-bit memory location. Consists of the contents of the
effective address of the instruction concatenated with
the contents of the next three higher memory locations.
The most significant byte is at location M or M(Y).
M(X)
— Memory locations pointed to by index register X
M(SP)
— Memory locations pointed to by the stack pointer
M(Y+3)
— Memory locations pointed to by index register Y plus 3
PPAGE
— Program overlay page (bank) number for extended
memory (>64 Kbytes).
Page
— Program overlay page
XH
— High-order byte
XL
— Low-order byte
( )
— Content of register or memory location
$
— Hexadecimal value
%
— Binary value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com