Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 15Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 16Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 17Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 18Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 19Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 20Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 21Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 22Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
19
1.3.4 Definitions
Logic level 1 is the voltage that corresponds to the true (1) state.
Logic level 0 is the voltage that corresponds to the false (0) state.
Set refers specifically to establishing logic level 1 on a bit or bits.
Cleared refers specifically to establishing logic level 0 on a bit or bits.
Asserted means that a signal is in active logic state. An active low signal
changes from logic level 1 to logic level 0 when asserted, and an active
high signal changes from logic level 0 to logic level 1.
Negated means that an asserted signal changes logic state. An active low
signal changes from logic level 0 to logic level 1 when negated, and an
active high signal changes from logic level 1 to logic level 0.
ADDR is the mnemonic for address bus.
DATA is the mnemonic for data bus.
LSB means least significant bit or bits.
MSB means most significant bit or bits.
LSW means least significant word or words.
MSW means most significant word or words.
A specific bit location within a range is referred to by mnemonic and
number. For example, A7 is bit 7 of accumulator A.
A range of bit locations is referred to by mnemonic and the numbers that
define the range. For example, DATA[15:8] form the high byte of the data
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com