Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 34Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 35Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 36Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 37Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 38Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 39Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 40Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 41Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
38
Freescale Semiconductor
This variation of the indexed addressing mode in the CPU12 is similar to the
M68HC11 indexed addressing mode, but is functionally enhanced. The
M68HC11 CPU provides for unsigned 8-bit constant offset indexing from X
or Y, and use of Y requires an extra instruction byte and thus, an extra
execution cycle. The 9-bit signed offset used in the CPU12 covers the same
range of positive offsets as the M68HC11, and adds negative offset
capability. The CPU12 can use X, Y, SP, or PC as the base index register.
3.9.3 16-Bit Constant Offset Indexed Addressing
This indexed addressing mode uses a 16-bit offset which is added to the
base index register (X, Y, SP, or PC) to form the effective address of the
memory location affected by the instruction. This allows access to any
address in the 64-Kbyte address space. Since the address bus and the
offset are both 16 bits, it does not matter whether the offset value is
considered to be a signed or an unsigned value ($FFFF may be thought of
as +65,535 or as –1). The 16-bit offset is provided as two extension bytes
after the instruction postbyte in the instruction flow.
3.9.4 16-Bit Constant Indirect Indexed Addressing
This indexed addressing mode adds a 16-bit instruction-supplied offset to
the base index register to form the address of a memory location that
contains a pointer to the memory location affected by the instruction. The
instruction itself does not point to the address of the memory location to be
acted upon, but rather to the location of a pointer to the address to be acted
on. The square brackets distinguish this addressing mode from 16-bit
constant offset indexing.
Example:
LDAA
[10,X]
In this example, X holds the base address of a table of pointers. Assume
that X has an initial value of $1000, and that the value $2000 is stored at
addresses $100A and $100B. The instruction first adds the value 10 to the
value in X to form the address $100A. Next, an address pointer ($2000) is
fetched from memory at $100A. Then, the value stored in location $2000 is
read and loaded into the A accumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com