Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 94Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 95Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 96Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 97Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 98Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 99Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 100Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 101Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
98
Freescale Semiconductor
U — Unstack 16-bit data. These cycles are extended to two
bus cycles if the MCU is operating with an 8-bit
external data bus and the SP is pointing to external
memory. There can be additional stretching when the
address space is assigned to a chip-select circuit
programmed for slow memory. These cycles are also
stretched if they correspond to misaligned accesses
to a memory that is not designed for single-cycle
misaligned access. The internal RAM is designed to
allow single-cycle misaligned word access.
V — Vector fetch. Vectors are always aligned 16-bit words.
These cycles are extended to two bus cycles if the
MCU is operating with an 8-bit external data bus and
the program is stored in external memory. There can
be additional stretching when the address space is
assigned to a chip-select circuit programmed for slow
memory.
t — 8-bit conditional read. These cycles are either data
read cycles or unused cycles, depending on the data
and flow of the REVW instruction. These cycles are
stretched only when controlled by a chip-select circuit
programmed for slow memory.
T — 16-bit conditional read. These cycles are either data
read cycles or free cycles, depending on the data and
flow of the REV or REVW instruction. These cycles
are extended to two bus cycles if the MCU is operating
with an 8-bit external data bus and the corresponding
data is stored in external memory. There can be
additional stretching when the address space is
assigned to a chip-select circuit programmed for slow
memory. These cycles are also stretched if they
correspond to misaligned accesses to a memory that
is not designed for single-cycle misaligned access.
x — 8-bit conditional write. These cycles are either data
write cycles or free cycles, depending on the data and
flow of the REV or REVW instruction. These cycles
are only stretched when controlled by a chip-select
circuit programmed for slow memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com