Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 19Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 20Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 21Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 22Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 23Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 24Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 25Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 26Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
23
loads the program counter with the previously stacked return address and
execution continues at that address.
When an interrupt occurs, the current instruction finishes execution. The
address of the next instruction is calculated and pushed onto the stack, all
the CPU registers are pushed onto the stack, the program counter is loaded
with the address pointed to by the interrupt vector, and execution continues
at that address. The stacked registers are referred to as an interrupt stack
frame. The CPU12 stack frame is the same as that of the M68HC11.
NOTE:
These instructions can be interrupted, and they resume execution once the
interrupt has been serviced:
• REV (fuzzy logic rule evaluation)
• REVW (fuzzy logic rule evaluation (weighted))
• WAV (weighted average)
2.2.4 Program Counter
The program counter (PC) is a 16-bit register that holds the address of the
next instruction to be executed. It is automatically incremented each time an
instruction is fetched.
2.2.5 Condition Code Register
The condition code register (CCR), named for its five status indicators,
contains:
• Five status indicators
• Two interrupt masking bits
• STOP instruction control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com