Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 43Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 44Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 45Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 46Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 47Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 48Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 49Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 50Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
47
4.1 Introduction
The CPU12 uses an instruction queue to increase execution speed.
This section describes queue operation during normal program execution
and changes in execution flow. These concepts augment the descriptions of
instructions and cycle-by-cycle instruction execution in subsequent
sections, but it is important to note that queue operation is automatic, and
generally transparent to the user.
The material in this section is general. Section 6. Instruction Glossary
contains detailed information concerning cycle-by-cycle execution of each
instruction. Section 8. Instruction Queue contains detailed information
about tracking queue operation and instruction execution.
4.2 Queue Description
The fetching mechanism in the CPU12 is best described as a queue rather
than as a pipeline. Queue logic fetches program information and positions it
for execution, but instructions are executed sequentially. A typical pipelined
central processor unit (CPU) can execute more than one instruction at the
same time, but interactions between the prefetch and execution
mechanisms can make tracking and debugging difficult. The CPU12 thus
gains the advantages of independent fetches, yet maintains a
straightforward relationship between bus and execution cycles.
Each instruction refills the queue by fetching the same number of bytes that
the instruction uses. Program information is fetched in aligned 16-bit words.
Each program fetch (P) indicates that two bytes need to be replaced in the
instruction queue. Each optional fetch (O) indicates that only one byte needs
to be replaced. For example, an instruction composed of five bytes does two
program fetches and one optional fetch. If the first byte of the five-byte
instruction was even-aligned, the optional fetch is converted into a free
Reference Manual — S12CPUV2
Section 4. Instruction Queue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com