Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 32Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 33Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 34Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 35Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 36Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 37Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 38Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 39Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
36
Freescale Semiconductor
Indexed addressing mode instructions use a postbyte to specify index
registers (X and Y), stack pointer (SP), or program counter (PC) as the base
index register and to further classify the way the effective address is formed.
A special group of instructions cause this calculated effective address to be
loaded into an index register for further calculations:
• Load stack pointer with effective address (LEAS)
• Load X with effective address (LEAX)
• Load Y with effective address (LEAY)
Table 3-2. Summary of Indexed Operations
Postbyte
Code (xb)
Source
Code
Syntax
Comments
rr; 00 = X, 01 = Y, 10 = SP, 11 = PC
rr0nnnnn
,r
n,r
–n,r
5-bit constant offset n = –16 to +15
r can specify X, Y, SP, or PC
111rr0zs
n,r
–n,r
Constant offset (9- or 16-bit signed)
z- 0 = 9-bit with sign in LSB of postbyte(s)
–256
≤ n ≤ 255
1 = 16-bit
–32,768
≤ n ≤ 65,535
if z = s = 1, 16-bit offset indexed-indirect (see below)
r can specify X, Y, SP, or PC
111rr011
[n,r]
16-bit offset indexed-indirect
rr can specify X, Y, SP, or PC
–32,768
≤ n ≤ 65,535
rr1pnnnn
n,–r n,+r
n,r–
n,r+
Auto predecrement, preincrement, postdecrement,or postincrement;
p = pre-(0) or post-(1), n = –8 to –1, +1 to +8
r can specify X, Y, or SP (PC not a valid choice)
+8 = 0111
…
+1 = 0000
–1 = 1111
…
–8 = 1000
111rr1aa
A,r
B,r
D,r
Accumulator offset (unsigned 8-bit or 16-bit)
aa-00 = A
01 = B
10 = D (16-bit)
11 = see accumulator D offset indexed-indirect
r can specify X, Y, SP, or PC
111rr111
[D,r]
Accumulator D offset indexed-indirect
r can specify X, Y, SP, or PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com