Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 82Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 83Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 84Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 85Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 86Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 87Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 88Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 89Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
86
Freescale Semiconductor
5.28 Background Mode and Null Operations
Background debug mode (BDM) is a special CPU12 operating mode that is
used for system development and debugging. Executing enter background
debug mode (BGND) when BDM is enabled puts the CPU12 in this mode.
For complete information, refer to Section 8. Instruction Queue.
Null operations are often used to replace other instructions during software
debugging. Replacing conditional branch instructions with branch never
(BRN), for instance, permits testing a decision-making routine by disabling
the conditional branch without disturbing the offset value.
Null operations can also be used in software delay programs to consume
execution time without disturbing the contents of other CPU registers or
memory.
Table 5-28 shows the BGND and null operation (NOP) instructions.
Table 5-28. Background Mode and Null Operation Instructions
Mnemonic
Function
Operation
BGND
Enter background debug mode
If BDM enabled, enter BDM;
else resume normal processing
BRN
Branch never
Does not branch
LBRN
Long branch never
Does not branch
NOP
Null operation
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com