Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 51Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 52Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 53Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 54Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 55Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 56Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 57Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 58Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
55
5.1 Introduction
This section contains general information about the central processor unit
(CPU12) instruction set. It is organized into instruction categories grouped
by function.
5.2 Instruction Set Description
CPU12 instructions are a superset of the M68HC11 instruction set. Code
written for an M68HC11 can be reassembled and run on a CPU12 with no
changes. The CPU12 provides expanded functionality and increased code
efficiency. There are two implementations of the CPU12, the original
M68HC12 and the newer HCS12. Both implementations have the same
instruction set, although there are small differences in cycle-by-cycle access
details (the order of some bus cycles changed to accommodate differences
in the way the instruction queue was implemented). These minor
differences are transparent for most users.
In the M68HC12 and HCS12 architecture, all memory and input/output (I/O)
are mapped in a common 64-Kbyte address space (memory-mapped I/O).
This allows the same set of instructions to be used to access memory, I/O,
and control registers. General-purpose load, store, transfer, exchange, and
move instructions facilitate movement of data to and from memory and
peripherals.
The CPU12 has a full set of 8-bit and 16-bit mathematical instructions.
There are instructions for signed and unsigned arithmetic, division, and
multiplication with 8-bit, 16-bit, and some larger operands.
Special arithmetic and logic instructions aid stacking operations, indexing,
binary-coded decimal (BCD) calculation, and condition code register
manipulation. There are also dedicated instructions for multiply and
Reference Manual — S12CPUV2
Section 5. Instruction Set Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com