Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 64Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 65Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 66Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 67Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 68Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 69Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 70Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 71Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
68
Freescale Semiconductor
5.15.3 Fuzzy Logic Weighted Average Instruction
The weighted average (WAV) instruction computes a sum-of-products and
a sum-of-weights used for defuzzification. To be usable, the fuzzy outputs
produced by rule evaluation must be defuzzified to produce a single output
value which represents the combined effect of all of the fuzzy outputs. Fuzzy
outputs correspond to the labels of a system output and each is defined by
a membership function in the knowledge base. The CPU12 typically uses
singletons for output membership functions rather than the trapezoidal
shapes used for inputs. As with inputs, the x-axis represents the range of
possible values for a system output. Singleton membership functions
consist of the x-axis position for a label of the system output. Fuzzy outputs
correspond to the y-axis height of the corresponding output membership
function. The WAV instruction calculates the numerator and denominator
sums for a weighted average of the fuzzy outputs. Because WAV requires
a number of cycles to execute, it can be interrupted. The WAVR
pseudo-instruction causes execution to resume at the point where it was
interrupted.
Table 5-13. Fuzzy Logic Instructions
Mnemonic
Function
Operation
MEM
Membership
function
µ (grade) ⇒ M(Y)
(X)
+ 4 ⇒ X; (Y) + 1 ⇒ Y; A unchanged
if (A) < P1 or (A) > P2, then
µ = 0, else
µ = MIN [((A) – P1) × S1, (P2 – (A)) × S2, $FF]
where:
A = current crisp input value
X points to a 4-byte data structure
that describes a trapezoidal membership
function as base intercept
points and slopes (P1, P2, S1, S2)
Y points at fuzzy input (RAM location)
Continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com