Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 35Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 36Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 37Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 38Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 39Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 40Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 41Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 42Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
39
3.9.5 Auto Pre/Post Decrement/Increment Indexed Addressing
This indexed addressing mode provides four ways to automatically change
the value in a base index register as a part of instruction execution. The
index register can be incremented or decremented by an integer value
either before or after indexing takes place. The base index register may be
X, Y, or SP. (Auto-modify modes would not make sense on PC.)
Pre-decrement and pre-increment versions of the addressing mode adjust
the value of the index register before accessing the memory location
affected by the instruction — the index register retains the changed value
after the instruction executes. Post-decrement and post-increment versions
of the addressing mode use the initial value in the index register to access
the memory location affected by the instruction, then change the value of the
index register.
The CPU12 allows the index register to be incremented or decremented by
any integer value in the ranges –8 through –1 or 1 through 8. The value
need not be related to the size of the operand for the current instruction.
These instructions can be used to incorporate an index adjustment into an
existing instruction rather than using an additional instruction and increasing
execution time. This addressing mode is also used to perform operations on
a series of data structures in memory.
When an LEAS, LEAX, or LEAY instruction is executed using this
addressing mode, and the operation modifies the index register that is being
loaded, the final value in the register is the value that would have been used
to access a memory operand. (Premodification is seen in the result but
postmodification is not.)
Examples:
STAA
1,SP
;equivalent to PSHA
STX
2,SP
;equivalent to PSHX
LDX
2,SP+
;equivalent to PULX
LDAA
1,SP+
;equivalent to PULA
For a “last-used” type of stack like the CPU12 stack, these four examples
are equivalent to common push and pull instructions.
For a “next-available” stack like the M68HC11 stack, push A onto stack
(PSHA) is equivalent to store accumulator A (STAA) 1,SP– and pull A from
stack (PULA) is equivalent to load accumulator A (LDAA) 1,+SP. However,
in the M68HC11, 16-bit operations like push register X onto stack (PSHX)
and pull register X from stack (PULX) require multiple instructions to
decrement the SP by one, then store X, then decrement SP by one again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com