Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 49Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 50Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 51Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 52Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 53Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 54Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 55Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 56Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
53
4.4.3.3 Bit Condition Branches
Bit condition branch instructions read a location in memory, and branch if
the bits in that location are in a certain state. These instructions can use
direct, extended, or indexed addressing modes. Indexed operations require
varying amounts of information to determine the effective address, so
instruction length varies according to the mode used, which in turn affects
the amount of program information fetched. To shorten execution time,
these branches perform one program word fetch in anticipation of the
“taken” case. The data from this fetch is ignored in the “not-taken” case. If
the branch is taken, the CPU fetches three program word fetches at the new
address to fill the instruction queue.
4.4.3.4 Loop Primitives
The loop primitive instructions test a counter value in a register or
accumulator and branch to an address specified by a 9-bit relative offset
contained in the instruction if a specified condition is met. There are
auto-increment and auto-decrement versions of these instructions. The test
and increment/decrement operations are performed on internal CPU
registers, and require no additional program information. To shorten
execution time, these branches perform one program word fetch in
anticipation of the “taken” case. The data from this fetch is ignored if the
branch is not taken, and the CPU does one program fetch and one optional
fetch to refill the queue1. If the branch is taken, the CPU finishes refilling the
queue with two additional program word fetches at the new address.
4.4.4 Jumps
Jump (JMP) is the simplest change of flow instruction. JMP can use
extended or indexed addressing. Indexed operations require varying
amounts of information to determine the effective address, so instruction
length varies according to the mode used, which in turn affects the amount
of program information fetched. All forms of JMP perform three program
word fetches at the new address to refill the instruction queue.
1. In the original M68HC12, the implementation of these two cycles are both program word
fetches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com