Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 20Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 21Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 22Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 23Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 24Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 25Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 26Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 27Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
24
Freescale Semiconductor
The status bits reflect the results of CPU operation as it executes
instructions. The five flags are:
• Half carry (H)
• Negative (N)
• Zero (Z)
• Overflow (V)
• Carry/borrow (C)
The half-carry flag is used only for BCD arithmetic operations. The N, Z, V,
and C status bits allow for branching based on the results of a previous
operation.
In some architectures, only a few instructions affect condition codes, so that
multiple instructions must be executed in order to load and test a variable.
Since most CPU12 instructions automatically update condition codes, it is
rarely necessary to execute an extra instruction for this purpose. The
challenge in using the CPU12 lies in finding instructions that do not alter the
condition codes. The most important of these instructions are pushes, pulls,
transfers, and exchanges.
It is always a good idea to refer to an instruction set summary (see
Appendix A. Instruction Reference) to check which condition codes are
affected by a particular instruction.
The following paragraphs describe normal uses of the condition codes.
There are other, more specialized uses. For instance, the C status bit is
used to enable weighted fuzzy logic rule evaluation. Specialized usages are
described in the relevant portions of this manual and in Section 6.
Instruction Glossary.
2.2.5.1 S Control Bit
Clearing the S bit enables the STOP instruction. Execution of a STOP
instruction normally causes the on-chip oscillator to stop. This may be
undesirable in some applications. If the CPU encounters a STOP instruction
while the S bit is set, it is treated like a no-operation (NOP) instruction and
continues to the next instruction. Reset sets the S bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com