Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 45Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 46Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 47Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 48Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 49Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 50Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 51Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 52Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
49
4.3.1 No Movement
There is no data movement in the instruction queue during the cycle. This
occurs during execution of instructions that must perform a number of
internal operations, such as division instructions.
4.3.2 Latch Data from Bus (Applies Only to the M68HC12 Queue Implementation)
All instructions initiate fetches to refill the queue as execution proceeds.
However, a number of conditions, including instruction alignment and the
length of previous instructions, affect when the queue advances. If the
queue is not ready to advance when fetched information arrives, the
information is latched into the buffer. Later, when the queue does advance,
stage 1 is refilled from the buffer. If more than one latch cycle occurs before
the queue advances, the buffer is filled on the first latch event and
subsequent latch events are ignored until the queue advances.
4.3.3 Advance and Load from Data Bus
The content of queue is advanced by one stage, and stage 1 is loaded with
a word of program information from the data bus. The information was
requested two bus cycles earlier but has only become available this cycle,
due to access delay.
4.3.4 Advance and Load from Buffer (Applies Only to M68HC12 Queue Implementation)
The content of queue stage 1 advances to stage 2, and stage 1 is loaded
with a word of program information from the buffer. The information in the
buffer was latched from the data bus during a previous cycle because the
queue was not ready to advance when it arrived.
4.4 Changes in Execution Flow
During normal instruction execution, queue operations proceed as a
continuous sequence of queue movement cycles. However, situations arise
which call for changes in flow. These changes are categorized as resets,
interrupts, subroutine calls, conditional branches, and jumps. Generally
speaking, resets and interrupts are considered to be related to events
outside the current program context that require special processing, while



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com